PART |
Description |
Maker |
046746000 0467460000 |
Feed-through terminal, 4 mm2, Screw connection
|
Weidmuller
|
0271060000 0271080000 |
Feed-through terminal, 16 mm2, Screw connection, PA 66, blue, TS 32
|
Weidmuller
|
19017-0016 19016-0042 19016-0001 19016-0085 19017- |
.205X.032 FEMALE QD INSUL.TAPE (BB-2191- 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187 X .020 FEM.QD KRIMP. TAPE (BB-1138T 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL Etc Butt Seam Recept WR:22-18, KSS-1755-C 0.8 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD KRIMPTITE (P-1142) 3.3 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187X.032 FEMALE QD INSULKRIMP (AA-2137- 0.8 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL 190160043 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD VIBRA.TAPED (P-4178T) 3.3 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .205X.020 FEMALE QD INSUL.TAPE (AA-2190T 0.8 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .110X.020 FEM.QD INSULKRIMP (BB-2132) 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .205 X .032 FEM.QD INSULKRIMP (BB-2191-0
|
Molex, Inc. MOLEX INC
|
19073-0085 19073-0096 19073-0094 19073-0087 19073- |
CONN RING TERM #8 14-16AWG 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP TAPED (BB-839-08T) 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (BB-839-08) 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL #10 RING TERMINAL 100/PKG 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL BB-837-06T RING AVIKRIMP TAPED 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL
|
Molex, Inc.
|
19008-0001 19009-0004 19008-0006 |
.187X.020 FLAG QD KRIMPTITE (AA-1147) 22 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187X.032 FLAG QD VIBRAKRIMP (AA-4170-03 22 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL 190080006 22 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL
|
Molex, Inc.
|
19723-4203 19723-4200 19723-4102 |
.180 RECEP STRIP PLT 6M/REEL (197234203) 2 mm2, WIRE TERMINAL .180 RECEP STRIP UNPLT 6M/RL W/DIMPLE 2 mm2, WIRE TERMINAL .156 RECEP STRIP PLT 7M/REEL (197234102) 2 mm2, WIRE TERMINAL
|
Molex, Inc.
|
0404017 |
Power terminal block, Connection method Screw connection, Load current : 41 A, Cross section: 0.5 mm2 - 6 mm2, Width: 7 mm,
|
PHOENIX CONTACT
|
YAZ6C-2TC38E6-45 YAZ6C-2TC38E6-90 YAZ2C-2TC10E2 YA |
16 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 35 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 95 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 70 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 16 mm2, WIRE TERMINAL 185 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 150 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
Rohm Co., Ltd. KEC Holdings NIC Components, Corp. Everlight Electronics Co., Ltd. NXP Semiconductors N.V.
|
AA-135-06 BB-807-06 AA-135-10T |
1 mm2, COPPER ALLOY, TIN FINISH, FORK TERMINAL 2 mm2, COPPER ALLOY, TIN FINISH, FORK TERMINAL 1 mm2, COPPER ALLOY, WIRE TERMINAL
|
MOLEX INC
|
|